version 1.0.0 2009/08/6 ? jmicron technology corp. 2009. all rights reserved. page 1 copying prohibited. jmicron/JMB355 JMB355 esata+1394a/b + usb20 to sata host adapter description the JMB355 is single chip solution to bridge between usb 2.0 h ost or 1394 host and sata device. the highly integrated usb 2.0, 1394a/b and sata phys te chnology provides a cost-effective solution to apply sata to sata device or usb to sata device or 1394 to sata device enclosure. the usb adheres to the mass storage class bulk-only transpo rt specification. the embedded command parser supports both ata and atapi command set with lba48 bit addressing capability. the 1394 adheres to sbp-2 specification. and sbp-2 acceleration hardwar e is embedded to off-load cpu and easy firmware control. features compliance with gen1i/gen1m of serial ata ii electr ical specification 2.6 support sata ii asynchronous signal recovery (hot p lug) feature compliance with usb 2.0 electrical specification support usb high-speed and full-speed operation compliance with usb mass storage class, bulk-only t ransport specification support asynchronous transfers at 100/200 and 400 m b/s for 1394a support 1394a/b sbp-2 acceleration feature to optim ize performance compliance with ieee std 1394-1995, ieee 1394a-2000 and ieee 1394b-2002 specifications support ata/atapi packet command set support ata/atapi lba48 addressing mode support 30mhz external crystal support external nvram for vender specific vid/pid of usb/1394 device controller design for win2000, winxp, winvista, win7, mac 10.x or later version. 0.13um cmos technology 100 lqfp package (14x14) 24 gpios www.datasheet.co.kr datasheet pdf - http://www..net/
version 1.0.0 2009/08/6 ? jmicron technology corp. 2009. all rights reserved. page 2 copying prohibited. jmicron/JMB355 function block diagram applications adapt to sata disk. adapt to ide disk. www.datasheet.co.kr datasheet pdf - http://www..net/
version 1.0.0 2009/08/6 ? jmicron technology corp. 2009. all rights reserved. page 3 copying prohibited. jmicron/JMB355 deliverables data sheet design guide application evb board contact information sales: sales@jmicron.com technical support: fae@jmicron.com www.datasheet.co.kr datasheet pdf - http://www..net/
|